Part Number Hot Search : 
W79L549 RT8025 ICS851 2J12A M6010G 74F174 000001 UM240M
Product Description
Full Text Search
 

To Download MMBT4126-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBT4126
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR Features
* * * Epitaxial Planar Die Construction Complementary NPN Type Available (MMBT4124) Ideal for Medium Power Amplification and Switching
SOT-23 Dim
A C B C
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
A B C D E G H
K J L M
Mechanical Data
E
B TOP VIEW E D G H
* * * * * * * *
Case: SOT-23, Molded Plastic Case material - UL Flammability Rating Classification 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking (See Page 2): K2B Ordering & Date Code Information: See Page 2 Weight: 0.008 grams (approx.)
B
J K L M a
C
All Dimensions in mm
E
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC Pd RqJA Tj, TSTG MMBT4126 -25 -25 -4.0 -200 300 417 -55 to +150 Unit V V V mA mW C/W C
Characteristic
Collector Current - Continuous (Note 1) Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient (Note 1) Operating and Storage and Temperature Range Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
DS30106 Rev. 2 - 2
1 of 2
MMBT4126
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 2) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current ON CHARACTERISTICS (Note 2) DC Current Gain Collector-Emitter Saturation Voltage Base- Emitter Saturation Voltage SMALL SIGNAL CHARACTERISTICS Output Capacitance Input Capacitance Small Signal Current Gain Current Gain-Bandwidth Product Noise Figure
@ TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO Min -25 -25 -4.0 3/4 3/4 120 60 3/4 3/4 3/4 3/4 120 250 3/4 Max 3/4 3/4 3/4 -50 -50 360 3/4 -0.40 -0.95 4.5 10 480 3/4 4.0 Unit V V V nA nA Test Condition IC = -10mA, IE = 0 IC = -1.0mA, IB = 0 IE = -10mA, IC = 0 VCB = -20V, IE = 0V VEB = -3.0V, IC = 0V IC = -2.0mA, VCE = -1.0V IC = -50mA, VCE = -1.0V IC = -50mA, IB = -5.0mA IC = -50mA, IB = -5.0mA VCB = -5.0V, f = 1.0MHz, IE = 0 VEB = -0.5V, f = 1.0MHz, IC = 0 VCE = 1.0V, IC = -2.0mA, f = 1.0kHz VCE = -20V, IC = -10mA, f = 100MHz VCE = -5.0V, IC = -100mA, RS = 1.0kW, f = 1.0kHz
hFE VCE(SAT) VBE(SAT) Cobo Cibo hfe fT NF
3/4 V V pF pF 3/4 MHz dB
Ordering Information
Device MMBT4126-7 Note:
(Note 3) Packaging SOT-23 Shipping 3000/Tape & Reel
2. Short duration pulse test used to minimize self-heating effect. 3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
YM
2003 P Jun 6
K2B
K2B = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year Code Month Code 1998 J Jan 1 1999 K Feb 2 2000 L March 3 2001 M Apr 4 2002 N May 5 2004 R Jul 7 2005 S Aug 8 2006 T Sep 9 2007 U Oct O 2008 V Nov N 2009 W Dec D
DS30106 Rev. 2 - 2
2 of 2
MMBT4126


▲Up To Search▲   

 
Price & Availability of MMBT4126-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X